PART |
Description |
Maker |
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
ADT7483AARQZ-REEL ADT7483AARQZ-REEL7 ADT7483AARQZ |
Dual Channel Temperature Sensor and Over Temperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
BU9817FV |
Multimedia LSIs > For personal computer > Thermal sensor controller 4-channel temperature sensor IC for PCs with I2C BUS interface
|
Rohm
|
MAX1153BEUE MAX1154 MAX115310 |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 0.75Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
EMC1063-1-ACZL-TR EMC1063-2-ACZL-TR EMC1063-4-ACZL |
1C Triple Temperature Sensor with Hotter of Two Zones 集成电路温度传感器的三双区域Hotter 1C Triple Temperature Sensor with Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
MIC502105 MIC5021YM MIC5021YN |
Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-DIP; Mounting Type:Through Hole BUF OR INV BASED MOSFET DRIVER, PDIP8 Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-SOIC; Mounting Type:Surface Mount RoHS Compliant: Yes BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Speed High-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
MAX31730 |
3-Channel Remote Temperature Sensor
|
Maxim Integrated Products, Inc.
|
ADT7411ARQZ-REEL7 ADT7411ARQZ10 ADT7411 ADT7411ARQ |
SPI/I2C® Compatible, 10-Bit Digital Temperature Sensor and Eight Channel ADC SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC SPI/I2C Compatible 10-Bit Digital Temperature Sensor and 8-Channel ADC
|
AD[Analog Devices] ETC[ETC]
|
ADT7482ARMZ ADT7482ARMZ-REEL |
Dual Channel Temperature Sensor and Overtemperature Alarm
|
ON Semiconductor
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
ADT7411 |
SPI/I2CCompatible, 10-Bit Digital Temperature Sensor and Eight Channel ADC
|
Analog Devices
|